Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 4 Page - NXP Semiconductors

  HC05V7GRS/D Datasheet HTML 1Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 2Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 3Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 4Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 5Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 6Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 7Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 8Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 170 page
background image
Page iv
MC68HC05V7 Specification Rev. 1.0
SECTION 4
CPU CORE .....................................................................25
4.1
REGISTERS............................................................................. 25
4.1.1
ACCUMULATOR (A) .......................................................... 25
4.1.2
INDEX REGISTER (X) ........................................................ 25
4.1.3
STACK POINTER (SP) ....................................................... 26
4.1.4
PROGRAM COUNTER (PC) .............................................. 26
4.1.5
CONDITION CODE REGISTER (CCR) .............................. 26
SECTION 5
INTERRUPTS .................................................................29
5.1
CPU INTERRUPT PROCESSING ........................................... 29
5.2
RESET INTERRUPT SEQUENCE........................................... 32
5.3
SOFTWARE INTERRUPT (SWI) ............................................. 32
5.4
HARDWARE INTERRUPTS .................................................... 32
5.5
EXTERNAL INTERRUPT (IRQ) ............................................... 32
5.5.1
IRQ CONTROL/STATUS REGISTER (ICSR) $1F ............. 34
5.5.2
EXTERNAL INTERRUPT TIMING ...................................... 36
5.6
16-BIT TIMER INTERRUPT ..................................................... 37
5.7
MDLC INTERRUPT.................................................................. 37
5.8
SPI INTERRUPT ...................................................................... 37
5.9
8-BIT TIMER INTERRUPT ....................................................... 38
SECTION 6
RESETS..........................................................................39
6.1
EXTERNAL RESET (RESET) .................................................. 39
6.2
INTERNAL RESETS ................................................................ 40
6.2.1
POWER-ON RESET (POR)................................................ 40
6.2.2
OPERATION IN STOP AND WAIT ..................................... 40
6.2.3
COMPUTER OPERATING PROPERLY RESET (COPR) .. 42
6.2.4
LOW-VOLTAGE RESET (LVR) .......................................... 43
6.2.5
ILLEGAL ADDRESS ........................................................... 44
6.2.6
DISABLED STOP INSTRUCTION ...................................... 44
SECTION 7
POWER SUPPLY AND REGULATION ........................................ 45
7.1
INTERNAL POWER SUPPLY .................................................. 45
7.1.1
PRIMARY 5V REGULATOR ............................................... 45
7.1.2
SECONDARY REGULATOR .............................................. 45
7.2
MISCELLANEOUS REGISTER ............................................... 46
7.2.1
IGNS - Ignition status bit ..................................................... 46
7.2.2
OCE - Output compare enable ........................................... 46
7.2.3
PDC - Power Down Control ................................................ 46
7.3
POWER MODING .................................................................... 47
7.4
REGULATOR CONTROL LOGIC ............................................ 49
7.4.1
MASK OPTIONS................................................................. 50
7.5
POWER SUPPLY CONFIGURATION ..................................... 53
7.5.1
DECOUPLING RECOMMENDATIONS .............................. 53
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com