Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 81 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 77Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 81Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 82Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 83Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 84Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 170 page
background image
SECTION 10: A/D CONVERTER
Page 67
MC68HC05V7 Specification Rev. 1.0
10.4.2
ADRC - RC Oscillator Control
When ADRC is set, the A/D section runs on the internal RC oscillator instead of the CPU
clock. The RC oscillator requires a time t
RCON to stabilize, and results can be inaccurate
during this time.
10.4.3
ADON - A/D On
When the A/D is turned on (ADON = 1), it requires a time t
ADON for the current sources to
stabilize, and results can be inaccurate during this time. This bit turns on the charge pump.
10.4.4
CH4:CH0 - Channel Select Bits
CH4, CH3, CH2, CH1, and CH0 form a 5-bit field which is used to select one of twenty A/
D channels, including four internal references. Channels $0-7 correspond to Port D input
pins on the MCU. Channels $8-F correspond to Port E input pins on the MCU and are not
bonded out in 56 pin packaged parts. Channels $10-13 are used for internal reference
points. In Single-Chip Mode, channel $13 is reserved and converts to $00. The following
table shows the signals selected by the channel select field.
Table 10-1: A/D Channel Assignments
10.5
A/D DATA REGISTERS
An 8-bit result register is provided. This register is updated each time the COCO bit is set.
Figure 10-2:
A/D Data Register
CH4:CH0
Signal
00-07
AN0-7
08-0F
AN8-15
10
V
REFH
11
(V
REFH-
V
REFL)/2
12
V
REFL
13
Factory
Test
14
Unused
D7
D5
D4
D3
D2
D1
D0
D6
$1D
*
*
*
* Accuracy not guaranteed for internal channels
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com