Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 53 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 49Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 50Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 51Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 52Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 53Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 56Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 170 page
background image
SECTION 6: RESETS
Page 39
MC68HC05V7 Specification Rev. 1.0
SECTION 6
RESETS
The MCU can be reset from six sources: one external input and five internal restart
conditions. The RESET pin is an input with a Schmitt trigger as shown in Figure 6-1. All the
internal peripheral modules will be reset by the internal reset signal (RST). Refer to Figure
6-2 for reset timing detail.
Figure 6-1:
Reset Block Diagram
6.1
EXTERNAL RESET (RESET)
The RESET pin is the only external source of a reset. This pin is connected to a Schmitt
trigger input gate to provide an upper and lower threshold voltage separated by a minimum
amount of hysteresis. This external reset occurs whenever the RESET pin is pulled below
the lower threshold and remains in reset until the RESET pin rises above the upper
threshold. This active low input will generate the RST signal and reset the CPU and
peripherals. Termination of the external RESET input or the internal COP Watchdog reset
are the only reset sources that can alter the operating mode of the MCU.
NOTE:
Activation of the RST signal is generally referred to as reset of the device,
unless otherwise specified.
CPU
LATCH
RESET
COP Watchdog
(COPR)
RST
OSC
Data
Address
PH2
To other
peripherals
S
Low-Voltage
Reset (LVR)
VDD
IRQ/VTST
Mode
Select
To IRQ
logic
LATCH
R
Power-On Reset
(POR)
VDD
Illegal Address
(ILLADDR)
Address
PH2
CLOCKED
ONE-SHOT
(pulse width = 3 x E-clk)
D
D
Disabled STOP
instruction
STOPEN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com