Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 70Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 71Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 72Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 170 page
background image
SECTION 8: LOW-POWER MODES
Page 57
MC68HC05V7 Specification Rev. 1.0
SECTION 8
LOW-POWER MODES
The MC68HC05V7 is capable of running in one of several low-power operational modes.
The WAIT and STOP instructions provide two modes that reduce the power required for
the MCU by stopping various internal clocks and/or the on-chip oscillator. The STOP and
WAIT instructions are not normally used if the COP Watchdog Timer is enabled. A mask
option is provided to convert the STOP instruction to an internal reset. The flow of the STOP
and WAIT modes is shown in Figure 8-2.
8.1
STOP INSTRUCTION
The STOP instruction can result in one of two operations depending on the Mask Options.
If the STOP option is enabled, the STOP instruction operates like the STOP in normal
MC68HC05 family members and places the device in the low power STOP Mode. If the
STOP option is disabled, the STOP instruction will cause a chip reset when executed.
8.1.1
STOP MODE
Execution of the STOP instruction, with the proper mask option, places the MCU in its
lowest power consumption mode. In the STOP Mode the internal oscillator is turned off,
halting
all internal processing, including the COP Watchdog Timer.
During the STOP mode, the TCR bits are altered to remove any pending timer interrupt
request and to disable any further timer interrupts. The timer prescaler is cleared. The I bit
in the CCR is cleared and the IRQE mask is set in the ICSR to enable external interrupts.
All other registers and memory remain unaltered. All input/output lines remain unchanged.
The processor can be brought out of the STOP mode only by an external interrupt or reset.
The MCU can be brought out of the STOP Mode by only one of the following:
•
IRQ pin external interrupt
•
Externally or internally generated RESET
•
Falling edge on any Port A or Port C pin (if enabled)
•
Rising edge on the MDLC BUS pin
When exiting the STOP Mode, the internal oscillator will resume after a 4064 internal
processor clock cycle oscillator stabilization delay, as shown in Figure 8-1.
NOTE:
Execution of the STOP instruction with the proper mask option will cause
the oscillator to stop and therefore disable the COP Watchdog Timer. If
the COP Watchdog Timer is to be used, the STOP Mode should be
disabled by selecting the proper mask option. See 6.2.3.4 COP
WATCHDOG TIMER CONSIDERATIONS for more details.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com