Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 83 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 81Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 82Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 83Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 84Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 86Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 170 page
background image
SECTION 11: 16-BIT TIMER
Page 69
MC68HC05V7 Specification Rev. 1.0
SECTION 11
16-BIT TIMER
The timer consists of a 16-bit, free-running counter driven by a fixed divide-by-four
prescaler. This timer can be used for many purposes, including input waveform
measurements while simultaneously generating an output waveform. Pulse widths can
vary from several microseconds to many seconds. Figure 11-1:
16-Bit Timer Block
Diagram.
Because the timer has a 16-bit architecture, each specific functional segment (capability)
is represented by two registers. These registers contain the high and low byte of that
functional segment. Access of the high byte inhibits that specific timer function until the low
byte is also accessed.
NOTE:
The I bit in the CCR should be set while manipulating both the high and
low byte register of a specific timer function to ensure that an interrupt
does not occur.
Figure 11-1:
16-Bit Timer Block Diagram
Input
Capture
Register
Clock
Internal Bus
Output
Compare
Register
High
Byte
Low
Byte
$16
$17
∏∏∏
/4
Internal
Processor
16-Bit Free
Running
Counter
Counter
Alternate
Register
8-Bit
Buffer
High
Byte
Low
Byte
$1A
$1B
$18
$19
High
Byte
Low
Byte
$14
$15
Output
Compare
Circuit
Overflow
Detect
Circuit
Edge
Detect
Circuit
Timer
Status
Reg.
ICF OCF TOF $13
ICIE
IEDG OLVL
Output
Level
Reg.
RESET
Timer
Control
Reg.
$12
Output
Level
(TCMP)
Interrupt
Circuit
TOIE
OCIE
Edge
Input
(TCAP)
D
CLK
C
Q
PB6
PB7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com