Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 31Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 32Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 33Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 34Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 35Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 36Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 170 page
background image
SECTION 3: EPROM and EEPROM
Page 21
MC68HC05V7 Specification Rev. 1.0
SECTION 3
EEPROM
The MC68HC05V7 contains EEPROM memory. This section describes the programming
mechanisms.
3.1
EEPROM PROGRAMMING REGISTER $1C
The contents and use of the programming register are discussed below.
Figure 3-1:
Programming Register
NOTE:
Any reset including LVR will abort any write in progress when it is
asserted. Data written to the addressed byte will therefore be
indeterminate.
3.1.1
CPEN - Charge Pump Enable
When set, CPEN enables the charge pump which produces the internal programming
voltage. This bit should be set with the LATCH bit. The programming voltage will not be
available until EEPGM is set. The charge pump should be disabled when not in use. CPEN
is readable and writable and is cleared by reset.
3.1.2
ER1:ER0 - Erase Select Bits
ER1 and ER0 form a 2-bit field which is used to select one of three erase modes: byte,
block, or bulk. Table 3-1 shows the modes selected for each bit configuration. These bits
are readable and writable and are cleared by reset.
In byte erase mode, only the selected byte is erased. In block mode, a 32-byte block of
EEPROM is erased. The EEPROM memory space is divided into four 32-byte blocks
($0240-$025F, $0260-$027F, $0280-$029F, $02A0-$02BF), and doing a block erase to
any address within a block will erase the entire block. In bulk erase mode, the entire 128
byte EEPROM section is erased.
-
-
ER1
ER0
LATCH
EERC
EEPGM
CPEN
$1C
0
000000
0
RESET:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com