Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 41 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 39Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 40Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 41Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 42Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 43Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 44Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 170 page
background image
SECTION 4: CPU CORE
Page 27
MC68HC05V7 Specification Rev. 1.0
4.1.5.2
Interrupt Mask (I-Bit)
When the interrupt mask is set, the internal and external interrupts are disabled. Interrupts
are enabled when the interrupt mask is cleared. When an interrupt occurs, the interrupt
mask is automatically set after the CPU registers are saved on the stack, but before the
interrupt vector is fetched. If an interrupt request occurs while the interrupt mask is set, the
interrupt request is latched. Normally, the interrupt is processed as soon as the interrupt
mask is cleared.
A return from interrupt (RTI) instruction pulls the CPU registers from the stack, restoring the
interrupt mask to its state before the interrupt was encountered. After any reset, the
interrupt mask is set and can only be cleared by the Clear I-Bit (CLI), STOP, or WAIT
instructions.
4.1.5.3
Negative Bit (N-Bit)
The negative bit is set when the result of the last arithmetic operation, logical operation, or
data manipulation was negative. (Bit 7 of the result was a logical one.)
The negative bit can also be used to check an often-tested flag by assigning the flag to bit
7 of a register or memory location. Loading the accumulator with the contents of that
register or location then sets or clears the negative bit according to the state of the flag.
4.1.5.4
Zero Bit (Z-Bit)
The zero bit is set when the result of the last arithmetic operation, logical operation, data
manipulation, or data load operation was zero.
4.1.5.5
Carry/Borrow Bit (C-Bit)
The carry/borrow bit is set when a carry out of bit 7 of the accumulator occurred during the
last arithmetic operation, logical operation, or data manipulation. The carry/borrow bit is
also set or cleared during bit test and branch instructions and during shifts and rotates. This
bit is not set by an INC or DEC instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com