Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 95 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 91Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 92Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 93Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 94Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 95Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 96Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 97Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 98Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 170 page
background image
SECTION 13: PULSE WIDTH MODULATOR
Page 81
MC68HC05V7 Specification Rev. 1.0
13.2
REGISTERS
Associated with the PWM system, there is a PWM data register and a control register. The
following registers can be written to and read at any time. Data written to the data register
is held in a buffer and transferred to the PWM Data Register at the end of a PWM cycle.
Reads of this register will always result in the read of the PWM Data Register and not the
buffer.
Upon RESET the user should write to the data register prior to enabling the PWM system
(for example, prior to setting the PSA and PSB bits for PWM input clock rate). This will
avoid an erroneous duty cycle from being driven. During regular user mode the user should
write to the PWM Data data register after writing the PWM Control Register.
Figure 13-4:
PWM Write Sequences
13.2.1
PWM CONTROL
Figure 13-5:
PWM Control Register
PSA1, PSA0, PSB3-PSB0- PWM Clock Rate
These bits select the input clock rate and determines the period, as shown in Table 13-1.
Note that some output frequencies can be obtained with more than one combination of PSA
Table 13-1:
PWM Clock Rate
PSA1:PSA0
PSB3-PSB0
RCLK
SCLK
PWM OUT
00
xxxx
off
off
off
01
0000-1111
fosc/1
fosc/1-fosc/16
fosc/64-
fosc/1024
10
0000-1111
fosc/8
fosc/8-fosc/128
fosc/512-
fosc/8192
Initialize PWM Data 0
Write PWM CONTROL
OR RESET
POR
Write PWM CONTROL
Write PWM Data 1
N
Y
PSA1
--
--
PSB2
PSB1
PSB0
PSA0
$31
0--0
0
0
0
0
RESET:
--
PSB3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com