Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 69 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 65Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 66Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 70Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 71Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 72Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 170 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 55
MC68HC05V7 Specification Rev. 1.0
The effect of not connecting the two VDD pins together is under evaluation and it is recom-
mended that they be connected at this time.
2) VDD to VSSD (pins 3 & 4): MCU internal digital power decoupling. These pins are
connected to the on-chip regulator output via a small resistance. Decouple with a 0.1uF
ceramic or polystyrene capacitator. If the self-resonance frequency of the decoupling cir-
cuit (assume 4nH per bond wire) is too low, add a 0.01uF or smaller capacitor in parallel to
increase the bandwidth of the decoupling network. Ensure the smaller capacitor is located
closest to the VDD and VSSD pins.
3) VCCA to VSSA1 and VSSA2: Analog subsystem power supply pins. These pins are
internally isolated from the digital VDD and VSS supplies. The VSSA1 pin provides a ground
return for the A/D subsystem. The VSSA2 pin provides a ground return for the DLC sub-
system. The analog supply pins should be appropriately filtered to prevent any external
noise effecting the analog subsystems. The VSSA1 and VSSA2 pins should be brought
together with the digital ground at a single point which has a low (HF) impedance to
ground to prevent common mode noise problems. If this is not practical, then the VSSA1
and VSSA2 printed circuit board (PCB) traces should be routed in such a manner that digi-
tal ground return current is impeded from passing through the analog input ground refer-
ence as shown in the single sided PCB example below.
V
SSD
V7
V
SSA
ANx
To System GND
AIN
V
SSD
V7
V
SSA
ANx
AGND
AIN
GND
Shielded cable,
GND
Shielded cable, Twisted pair, etc.
Poor Analog Grounding
Better Analog Grounding
Twisted pair, etc.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com