Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 48 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 44Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 45Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 46Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 47Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 48Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 49Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 50Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 51Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 170 page
background image
SECTION 5: INTERRUPTS
Page 34
MC68HC05V7 Specification Rev. 1.0
IRQ latch output can activate an IRQF flag which creates an interrupt request to the CPU
to generate the external interrupt sequence.
When edge sensitivity is selected for the IRQ interrupt, it is sensitive to the following cases:
•
Falling edge on the IRQ pin.
•
Falling edge on any Port A or Port C pin with IRQ enabled.
If the LEVEL option selected, the active low state of the IRQ pin can also activate an IRQF
flag, which creates an IRQ request to the CPU to generate the IRQ interrupt sequence.
When edge and level sensitivity is selected for the IRQ interrupt, it is sensitive to the
following cases:
•
Low level on the IRQ pin.
•
Falling edge on the IRQ pin.
•
Falling edge on any Port A or Port C pin with IRQ enabled.
The IRQE enable bit controls whether an active IRQF flag (IRQ pin interrupt) can generate
an IRQ interrupt sequence. The IRQPAE enable bit controls whether an active IRQPAF flag
(Port A interrupt) can generate an IRQ interrupt sequence. The IRQPCE enable bit controls
whether an active IRQPCF flag (Port C interrupt) can generate an IRQ interrupt sequence.
The IRQ interrupt is serviced by the interrupt service routine located at the address
specified by the contents of $3FFA and $3FFB.
The IRQF latch is automatically cleared by entering the interrupt service routine to maintain
compatibility with existing M6805 interrupt servicing protocol. To allow the user to identify
the source of the interrupt, the port interrupt flags (IRQPAF and IRQPCF) are not cleared
automatically. These flags must be cleared within the interrupt handler prior to exit in order
to prevent repeated re-entry. This is achieved by writing a logic one to the IRQA (IRQ
acknowledge) bit, which will clear all pending IRQ interrupts (including a pending IRQ pin
interrupt).
The interrupt request flags (IRQPAF and IRQPCF) are read only and cannot be cleared by
writing to them. The acknowledge flag always reads as a logic 0. Together, these features
permit the safe use of read-modify-write instructions (for example, BSET, BCLR) on the
ICSR.
NOTE:
Although read modify write instruction use is allowable on the ICSR, shift
operations should be avoided due to the possibility of inadvertently setting
the IRQA.
5.5.1
IRQ CONTROL/STATUS REGISTER (ICSR) $1F
The IRQ interrupt function is controlled by the ICSR located at $001F. All unused bits in the
ICSR will read as logic zeros. The IRQF bit is cleared and IRQE bit is set by reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com