Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 98 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 94Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 95Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 96Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 97Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 98Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 99Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 100Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 101Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 170 page
background image
SECTION 14: SERIAL PERIPHERAL INTERFACE
Page 84
MC68HC05V7 Specification Rev. 1.0
The SPI forces the direction on some of the pin to output in order to function properly.
Figure 14-1:
Data Clock Timing Diagram
14.1.1
Master In Slave Out (MISO/PF3)
The MISO line is configured as an input in a master device and as an output in a slave
device. It is one of the two lines that transfer serial data in one direction, with the most
significant bit sent first. The MISO line of a slave device is placed in the high-impedance
state if the slave is not selected.
14.1.2
Master Out Slave In (MOSI/PF2)
The MOSI line is configured as an output in a master device and as an input in a slave
device. It is one of the two lines that transfer serial data in one direction with the most
significant bit sent first.
14.1.3
Serial Clock (SCK/PF1)
The master clock is used to synchronize data movement both in and out of the device
through its MOSI and MISO lines. The master and slave devices are capable of exchanging
a byte of information during a sequence of eight clock cycles. Since SCK is generated by
the master device, this line becomes an input on a slave device.
As shown in Figure 14-1, four possible timing relationships may be chosen by using control
bits CPOL and CPHA in the serial peripheral control register (SPCR). Both master and
slave devices must operate with the same timing. The master device always places data
on the MOSI line a half-cycle before the clock edge (SCK), in order for the slave device to
latch the data.
Two bits (SPR0 and SPR1) in the SPCR of the master device select the clock rate. In a
slave device, SPR0 and SPR1 have no effect on the operation of the SPI.
INTERNAL STROBE FOR DATA CAPTURE (ALL MODES)
MSB
6543210
SS
SCK
SCK
SCK
SCK
MISO/MOSI
(CPOL=0, CPHA=0)
(CPOL=0, CPHA=1)
(CPOL=1, CPHA=0)
(CPOL=1, CPHA=1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com