Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 102 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 98Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 99Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 100Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 101Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 102Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 103Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 104Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 105Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 170 page
background image
SECTION 14: SERIAL PERIPHERAL INTERFACE
Page 88
MC68HC05V7 Specification Rev. 1.0
CPOL - Clock Polarity
When the clock polarity bit is cleared and data is not being transferred, a steady
state low value is produced at the SCK pin of the master device. Conversely, if
this bit is set, the SCK pin will idle high. This bit is also used in conjunction with
the clock phase control bit to produce the desired clock-data relationship
between master and slave. Figure 14-1:
Data Clock Timing Diagram.
CPHA - Clock Phase
The clock phase bit, in conjunction with the CPOL bit, controls the clock-data
relationship between master and slave. The CPOL bit can be thought of as
simply inserting an inverter in series with the SCK line. The CPHA bit selects one
of two fundamentally different clocking protocols. When CPHA=0, the shift clock
is the OR of SCK with SS. As soon as SS goes low, the transaction begins and
the first edge on SCK invokes the first data sample. When CPHA=1, the SS pin
may be thought of as a simple output enable control. Figure 14-1:
Data Clock
Timing Diagram.
SPR1 and SPR0 - SPI Clock Rate Selects
These two bits select one of four baud rates (Figure 14-5) to be used as SCK if
the device is a master; however, they have no effect in the slave mode.
Figure 14-5:
Serial Peripheral Rate Selection
14.3.2
Serial Peripheral Status Register (SPSR)
Figure 14-6:
SPI Status Register (SPSR)
SPIF - SPI Transfer Complete Flag
The serial peripheral data transfer flag bit is set upon completion of data transfer
between the processor and external device. If SPIF goes high, and if SPIE is set,
a serial peripheral interrupt is generated. Clearing the SPIF bit is accomplished
by reading the SPSR (with SPIF set) followed by an access of the SPDR. Unless
SPSR is read (with SPIF set) first, attempts to write to SPDR are inhibited.
SPR1
SPR0
0
0
0
1
1
0
1
1
INT MCU CLOCK
DIVIDED BY
2
4
16
32
SPIF
—
MODF
————
WCOL
$0B
0
000000
0
RESET:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com