Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 37 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 33Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 34Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 35Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 36Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 39Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 40Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 170 page
background image
SECTION 3: EPROM and EEPROM
Page 23
MC68HC05V7 Specification Rev. 1.0
whether to erase a byte before programming is summarized in Table 3-2.
To erase a byte of EEPROM, set LATCH = 1, CPEN = 1, ER1 = 0 and ER0 = 1, write to
the address to be erased, and set EEPGM for a time t
EBYT.
To erase a block of EEPROM, set LATCH = 1, CPEN = 1, ER1 = 1 and ER0 = 0, write to
any address in the block, and set EEPGM for a time t
EBLOCK.
For a bulk erase, set LATCH = 1, CPEN = 1, ER1 = 1, and ER0 = 1, write to any address
in the array, and set EEPGM for a time t
EBULK.
To terminate the programming or erase sequence, clear EEPGM, delay for a time t
FPV to
allow the programming voltage to fall, and then clear LATCH and CPEN to free up the
buses. Following each erase or programming sequence, clear all programming control bits.
The following program is an example of the EEPROM programming sequence using the
timer to implement the required delay and assuming a 2.1 MHz bus frequency.
TSR
EQU
$0013
TIMER STATUS REGISTER
TCNTH
EQU
$0018
TIMER COUNTER REGISTER (HIGH)
TCNTL
EQU
$0019
TIMER COUNTER REGISTER (LOW)
TCMPH
EQU
$0016
TIMER OUTPUT COMPARE REGISTER (HIGH)
TCMPL
EQU
$0017
TIMER OUTPUT COMPARE REGISTER (LOW)
OCF
EQU
6
OCF BIT OF TSR
PROG
EQU
$001C
PROGRAM REGISTER
CPEN
EQU
6
CHARGE PUMP ENABLE
ER1
EQU
4
ERASE SELECT 1
ER0
EQU
3
ERASE SELECT 0
LATCH
EQU
2
LATCH BIT
EERC
EQU
1
RC/OSC SELECTOR
EEPGM
EQU
0
EE PROGRAM BIT
EESTART EQU
$0240
STARTING ADDRESS OF EEPROM
SUMPIN
EQU
$FF
DUMMY DATA
ORG
$1800
START
EQU
*
BSET
EERC,PROG
SELECT RC OSC
BSR
DELAY
RC OSC STABILIZATION
Table 3-2:
EEPROM Write/Erase Cycle Reduction
EEPROM Data To Be
Programmed
EEPROM Data Before
Programming
Erase Before
Programming?
00
No
01
No
10
Yes
11
No
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com