Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 91 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 87Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 88Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 89Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 90Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 91Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 92Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 93Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 94Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 170 page
background image
SECTION 12: CORE TIMER
Page 77
MC68HC05V7 Specification Rev. 1.0
12.1.6
RTFC - Real Time Interrupt Flag Clear
When a “1” is written to this bit, RTIF is cleared. Writing a “0” has no effect on the RTIF bit.
This bit always reads as zero.
12.1.7
RT1:RT0 - Real Time Interrupt Rate Select
These two bits select one of four taps from the Real Time Interrupt circuit. Table 12-1 shows
the available interrupt rates with a 2.1 and 1.05MHz bus clock. Reset sets these two bits
which selects the lowest periodic rate and gives the maximum time in which to alter these
bits if necessary. Care should be taken when altering RT0 and RT1 if the time-out period
is imminent or uncertain. If the selected tap is modified during a cycle in which the counter
is switching, an RTIF could be missed or an additional one could be generated. To avoid
problems, the COP should be cleared before changing RTI taps.
Table 12-1: RTI and COP Rates at 2.1 MHz
12.2
COMPUTER OPERATING PROPERLY (COP) RESET
The COP watchdog timer function is implemented on this device by using the output of the
RTI circuit and further dividing it by eight. The minimum COP reset rates are listed in Table
12-1. If the COP circuit times out, an internal reset is generated and the normal reset vector
is fetched. Preventing a COP time-out, or clearing the COP, is accomplished by writing a
“0” to bit 0 of address $3FF0. When the COP is cleared, only the final divide by eight stage
(output of the RTI) is cleared.
If the COP watchdog timer is allowed to time-out, an internal reset is generated to reset the
MCU. In addition the RESET pin will be pulled low for a minimum of 3 E Clock cycle for
emulation purposes. During a chip reset (regardless of the source), the entire Core Timer
counter chain is cleared.
The COP will remain enabled after execution of the WAIT instruction and all associated
operations apply. If the STOP instruction is disabled, execution of STOP instruction will
cause an internal reset.
This COP’s objective is to make it impossible for this part to become “stuck” or “locked-up”
and to be sure the COP is able to “rescue” the part from any situation where it might entrap
itself in an abnormal or unintended behavior. This function is a mask option.
11
RT1:RT0
MIN. COP RATES
00
01
10
214/E
RTI RATE
211/E
212/E
213/E
15.60 ms
1.95 ms
3.90 ms
7.80 ms
7.80 ms
0.97 ms
1.95 ms
3.90 ms
109.23ms
13.65ms
27.31ms
54.61ms
54.61 ms
6.83 ms
13.65 ms
27.31 ms
(217-214)/E
(214-211)/E
(215-212)/E
(216-213)/E
1.05 MHz
2.1 MHz
1.05 MHz
2.1 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com