Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 56 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 52Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 53Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 56Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 57Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 58Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 59Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 170 page
background image
SECTION 6: RESETS
Page 42
MC68HC05V7 Specification Rev. 1.0
6.2.3
COMPUTER OPERATING PROPERLY RESET (COPR)
The MCU contains a watchdog timer that automatically times out if not reset (cleared) within
a specific time by a program reset sequence. If the COP watchdog timer is allowed to time-
out, an internal reset is generated to reset the MCU. Regardless of an internal or external
RESET, the MCU comes out of a COP reset according to the standard rules of mode
selection.
The COP reset function is enabled or disabled by a mask option and is verified during
production testing.
The COP Watchdog reset will activate the internal pulldown device connected to the
RESET pin.
6.2.3.1
RESETTING THE COP
Preventing a COP reset is done by writing a “0” to the COPF bit. This action will reset the
counter and begin the time-out period again. The COPF bit is bit 0 of address $3FF0. A
read of address $3FF0 will return user data programmed at that location.
6.2.3.2
COP DURING WAIT MODE
The COP will continue to operate normally during WAIT mode. The software should pull the
device out of WAIT mode periodically and reset the COP by writing to the COPF bit to
prevent a COP reset.
6.2.3.3
COP DURING STOP MODE
When the STOP enable mask option is selected, STOP mode disables the oscillator circuit
and thereby turns the clock off for the entire device. The COP counter will be reset when
STOP mode is entered. If a reset is used to exit STOP mode, the COP counter will be held
in reset during the 4064 cycles of start up delay. If any operable interrupt is used to exit
STOP mode, the COP counter will not be reset during the 4064 cycle start up delay and
will have that many cycles already counted when control is returned to the program.
6.2.3.4
COP WATCHDOG TIMER CONSIDERATIONS
The COP Watchdog Timer is active in all modes of operation if enabled by a mask option.
If the COP Watchdog Timer is selected by a mask option, any execution of the STOP
instruction (either intentional or inadvertent due to the CPU being disturbed) will cause the
oscillator to halt and prevent the COP Watchdog Timer from timing out. Therefore, it is
recommended that the STOP instruction should be disabled if the COP Watchdog Timer
is enabled.
If the COP Watchdog Timer is selected by a mask option, the COP will reset the MCU when
it times out. Therefore, it is recommended that the COP Watchdog should be disabled for
a system that must have intentional uses of the WAIT Mode for periods longer than the
COP time-out period.
The recommended interactions and considerations for the COP Watchdog Timer, STOP
instruction, and WAIT instruction are summarized in Table 6-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com