Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 77 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 75Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 76Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 77Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 170 page
background image
SECTION 9: PARALLEL I/O
Page 63
MC68HC05V7 Specification Rev. 1.0
.
Figure 9-2:
Port B I/O Circuitry
9.2.1
PORT B DATA REGISTER
Each Port B I/O pin has a corresponding bit in the Port B Data Register. When a Port B pin
is programmed as an output the state of the corresponding data register bit determines the
state of the output pin. When a Port B pin is programmed as an input, any read of the Port
B Data Register will return the logic state of the corresponding I/O pin. The Port B data
register is unaffected by reset. PB7 serves as the TCAP input and PB6 serves as the TCMP
output if the OCE bit in the MISC Register is set. See 7.2 MISCELLANEOUS REGISTER.
9.2.2
PORT B DATA DIRECTION REGISTER
Each Port B I/O pin may be programmed as an input by clearing the corresponding bit in
the DDRB, or programmed as an output by setting the corresponding bit in the DDRB. The
DDRB can be accessed at address $0005. The DDRB is cleared by reset.
9.3
PORT D AND PORT E
Port D is an 8-bit input only port that shares all of its pins with the A/D converter (AN0
through AN7) as shown in Figure 1-6. The Port D Data Register is located at address
$0003. Port E is an 8-bit input only port which also shares all of its pins with the A/D
converter (AN8 through AN15). The Port E Data Register is located at address $002B.
When the A/D converter is active, one of these 16 input ports may be selected by the A/D
multiplexer for conversion. A logical read of a selected input port will always return 0.
NOTE:
Port E is not bonded out in the 56-pin SDIP packaged version.
Read $0001
Write $0001
Read $0005
Data
Register Bit
I/O
Pin
Output
Internal HC05
Data Bus
Reset
(RST)
Write $0005
Data Direction
Register Bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com