Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 51 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 47Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 48Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 49Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 50Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 51Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 52Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 53Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 170 page
background image
SECTION 5: INTERRUPTS
Page 37
MC68HC05V7 Specification Rev. 1.0
and serviced as specified by the contents of $3FFA and $3FFB.The IRQ timing diagram is
shown in Figure 5-4.
Figure 5-4:
External Interrupts Timing Diagram
Either a level-sensitive and edge-sensitive trigger, or an edge-sensitive-only trigger is
available as a mask option for the IRQ pin only.
5.6
16 BIT TIMER INTERRUPT
There are three different timer interrupt flags that cause a timer interrupt whenever they are
set and enabled. The interrupt flags are in the Timer Status Register (TSR), and the enable
bits are in the Timer Control Register (TCR). Any of these interrupts will vector to the same
interrupt service routine, located at the address specified by the contents of memory
location $3FF8 and $3FF9.
5.7
MDLC INTERRUPT
The MDLC Transmit Message Successful and Receive Message Successful interrupts are
respectively generated by the TXMS and RXMS bits of the MDLC Status Register (MSR).
In addition a wake-up from STOP or WAIT mode can also generate an interrupt from the
MDLC. The MDLC Interrupt Enable (IE) bit is located in the MDLC Control Register (MCR).
Provided the IE bit is set (and the CCR I bit is clear), all interrupts will vector to the same
interrupt service routine, located at the address specified by the contents of memory
location $3FF6 and $3FF7.
5.8
SPI INTERRUPT
There are two different SPI interrupt flags that cause an SPI interrupt whenever they are
set and enabled. The interrupt flags are in the SPI Status Register (SPSR), and the enable
bits are in the SPI Control Register (SPCR). Either of these interrupts will vector to the
IRQ
tILIH
tILIL
tILIH
IRQ1 (Port)
IRQn (Port)
IRQ
(MCU)
.
.
.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com