Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 86 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 82Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 83Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 84Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 86Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 87Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 88Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 89Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 170 page
background image
SECTION 11: 16-BIT TIMER
Page 72
MC68HC05V7 Specification Rev. 1.0
11.4
TIMER CONTROL REGISTER (TCR) - $12
The TCR is a read/write register containing six control bits. Three bits control interrupts
associated with the timer status register flags ICF, OCF and TOF.
Figure 11-2:
Timer Control Register - $12
11.4.1
ICIE - Input Capture Interrupt Enable
1 - Interrupt enabled
0 - Interrupt disabled
11.4.2
OCIE - Output Compare Interrupt Enable
1 - Interrupt enabled
0 - Interrupt disabled
11.4.3
TOIE - Timer Overflow Interrupt Enable
1 - Interrupt enabled
0 - Interrupt disabled
11.4.4
TON - Timer On
When disabled, the timer is initialized to the reset condition.
1 - Timer enabled
0 - Timer disabled
11.4.5
IEDG - Input Edge
Value of input edge determines which level transition on TCAP pin will trigger free-
running counter transfer to the input capture register. Reset clears this bit.
1 - Positive edge
0 - Negative edge
11.4.6
OLVL - Output Level
Value of output level is clocked into output level register by the next successful
output compare and will appear on the TCMP pin.
1 - High output
0 - Low output
11.5
TIMER STATUS REGISTER (TSR) - $13
The TSR is a read-only register containing three status flag bits.
Figure 11-3:
Timer Status Register - $13
ICIE
OCIE
TOIE
0
0
TON
IEDG
OLVL
RESET
$12
00
0
0
0
0
00
ICF
OCF
TOF
00000
RESET
$13
00
0
0
0
0
00
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com