Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 81Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 82Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 83Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 84Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 170 page
background image
SECTION 10: A/D CONVERTER
Page 68
MC68HC05V7 Specification Rev. 1.0
10.6
A/D DURING WAIT MODE
The A/D converter continues normal operation during WAIT mode. To decrease power
consumption during WAIT, it is recommended that both the ADON and ADRC bits in the A/
D Status and Control Registers be cleared if the A/D converter is not being used. If the A/
D converter is in use and the system clock rate is above 1.0 MHz, it is recommended that
the ADRC bit be cleared.
NOTE:
As the A/D converter continues to function normally in WAIT mode, the
COCO bit is not cleared.
10.7
A/D DURING STOP MODE
In STOP mode the comparator and charge pump are turned off and the A/D ceases to
function. Any pending conversion is aborted. When the clocks begin oscillation upon
leaving the STOP mode, a finite amount of time passes before the A/D circuits stabilize
enough to provide conversions to the specified accuracy. Normally, the delays built into the
device when coming out of STOP mode are sufficient for this purpose, therefore no explicit
delays need to be built into the software.
NOTE:
Although the comparator and charge pump are disabled in STOP mode,
the A/D Data and Status/Control registers are not modified. Disabling the
A/D prior to entering STOP mode will not effect the STOP mode current
consumption.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com