Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 19 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 15Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 16Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 17Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 18Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 19Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 20Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 21Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 22Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
REV 1.1
1-7
1.4.5 PA0-PA7
These eight I/O lines comprise PortA. PA0 to PA7 are push-pull pins with pulldown
devices. PA4 to PA7 are also capable of sinking 8 mA.
The state of any pin is software programmable and all Port A lines are configured
as inputs during power-on or reset. The lower four I/O pins (PA0 thru PA3) can be
connected via an internal OR gate to the IRQ interrupt function enabled by a mask
option. See Section 7 on Input/Output Ports for further details.
1.4.6 PB0-PB2
These three I/O lines comprise Port B. PB1 and PB2 are open-drain I/O lines with
pullup devices, whereas PB0 (shared with TCAP), is a push-pull I/O line with
pulldown device.
The state of any pin is software programmable and is configured as an input
during power-on or reset. PB1 and PB2 are also slow transition outputs, each
capable of sinking 25mA typical current at 0.5V VOL Max. See Section 7 on
Input/Output Ports for further details.
1.4.7 D+, D–
D+ and D– are the differential data lines used by the USB module. See
Section 10 on Universal Serial Bus Module.
1.4.8 3.3V
This is the 3.3V output of the on-chip voltage regulator from the MCU. It is used to
supply the voltage for the external pullup resistor required by the USB on D–. This
regulator output is also used internally for the USB data driver circuitry. This 3.3V
pin should be decoupled using a 1
µF (or greater) capacitor and a 0.1µF bypass
capacitor.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com