Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 36 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 32Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 33Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 34Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 35Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 36Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 37Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 38Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 39Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
INTERRUPTS
MC68HC705JB2
4-6
REV 1.1
IRQR - IRQ Interrupt Acknowledge
The IRQR acknowledge bit clears an IRQ interrupt by clearing the IRQ latch.
The IRQR acknowledge bit will always read as a logic zero.
1 =
Writing a logic one to the IRQR acknowledge bit will clear the IRQ
latch.
0 =
Writing a logic zero to the IRQR acknowledge bit will have no effect
on the IRQ latch.
IRQF - IRQ Interrupt Request Flag
Writing to the IRQF flag bit will have no effect on it. If the additional setting of
IRQF flag bit is not cleared in the IRQ service routine and the IRQE enable bit
remains set the CPU will re-enter the IRQ interrupt sequence continuously until
either the IRQF flag bit or the IRQE enable bit is clear. The IRQF latch is
cleared by reset.
1 =
Indicates that an IRQ request is pending.
0 =
Indicates that no IRQ request triggered by pins PA0-3 or IRQ is
pending. The IRQF flag bit is cleared once the IRQ vector is fetched.
The IRQF flag bit can be cleared by writing a logic one to the IRQR
acknowledge bit to clear the IRQ latch and also conditioning the
external IRQ sources to be inactive (if the level sensitive interrupts
are enabled via mask option). Doing so before exiting the service
routine will mask out additional occurrences of the IRQF.
IRQE - IRQ Interrupt Enable
The IRQE bit enables/disables the IRQF flag bit to initiate an IRQ interrupt
sequence.
1 =
Enables IRQF interrupt, that is, the IRQF flag bit can generate an
interrupt sequence. Reset sets the IRQE enable bit, thereby
enabling IRQ interrupts once the I-bit is cleared. Execution of the
STOP or WAIT instructions causes the IRQE bit to be set in order to
allow the external IRQ to exit these modes.
0 =
The IRQF flag bit cannot generate an interrupt sequence.
4.4.3 Optional External Interrupts (PA0-PA3)
The IRQ interrupt can also be triggered by the inputs on the PA0 thru PA3 port
pins if enabled by a single mask option. If enabled, the lower four bits of Port A
can activate the IRQ interrupt function, and the interrupt operation will be the
same as for inputs to the IRQ pin. This mask option of PA0-3 interrupt allow all of
these input pins to be OR’ed with the input present on the IRQ pin. All PA0 thru
PA3 pins must be selected as a group as an additional IRQ interrupt. All the PA0-3
interrupt sources are also controlled by the IRQE enable bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com