Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 51 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 47Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 48Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 49Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 50Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 51Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 52Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 53Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 54Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INPUT/OUTPUT PORTS
REV 1.1
7-5
7.2.2 Port B Data Direction Register
Port B I/O pins may be programmed as an input by clearing the corresponding bit
in the DDRB, or programmed as an output by setting the corresponding bit in the
DDRB. The DDRB can be accessed at address $0005. Unused bits will always
read as logic zeros, and any write to these bits will be ignored. The DDRB is
cleared by reset.
If configured as output pins, PB1 and PB2 have slow output falling-edge transition
feature. The slow transition feature is controlled by the SLOWE bit of DDRB.
SLOWE bit, if set and if the pin is configured as an output pin, enables the slow
falling-edge output transition feature of PB1 and PB2.
7.2.3 Slow Output Falling-Edge Transition
SLOWE - Slow Transition Enable
The slow transition feature is controlled by the SLOWE bit of DDRB (Port B
Data Direction Register). Default value of SLOWE bit is clear on reset.
1 =
Enables the slow falling-edge output transition feature on both PB1
and PB2, if the pin is configured as an output pin. PB2 falling edge
transition is a sharp falling edge transition delayed by tCYC/2 after
the write cycle to PB2 data register. PB1 is a true slow transition I/O
line.
0 =
Disables slow falling-edge output transition feature on both PB1 and
PB2.
7.2.4 Port B Pulldown/Pullup Register
All Port B I/O pins may have software programmable pulldown/pullup devices
enabled by a mask option. If the pulldown/pullup mask option is selected, the
pulldown/pullup is activated whenever the corresponding bit in the PDURB is
clear. A pulldown on an I/O pin is activated only if the I/O pin is programmed as an
input; whereas a pullup device on an I/O pin is always activated whenever
enabled, regardless of port direction.
The PDURB is a write-only register. Any reads of location $0011 will return
undefined results. Since reset clears both the DDRB and the PDURB, all pins will
initialize as inputs with the pulldown devices active and pullup devices active (if
chosen via mask option).
Typical value of PB1 and PB2 pullup is 100K
Ω (typical).
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRB
R
SLOWE
DDRB2
DDRB1
DDRB0
$0005
W
reset:
00000000
Figure 7-3. Port B Data Direction Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com