Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 90 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 86Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 87Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 88Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 89Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 90Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 91Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 92Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 93Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-22
REV 1.1
EOPFR — End of Packet Flag Reset
Writing a logic 1 to this write only bit will clear the EOPF bit if it is set. Writing a
logic 0 to the EOPFR has no effect. Reset clears this bit.
10.5.4 USB Control Register 0 (UCR0)
T0SEQ — Endpoint 0 Transmit Sequence Bit
This read/write bit determines which type of data packet (DATA0 or DATA1) will
be sent during the next IN transaction. Toggling of this bit must be controlled by
software. Reset clears this bit.
1 =
DATA1 Token active for next Endpoint 0 transmit
0 =
DATA0 Token active for next Endpoint 0 transmit
STALL0 — Endpoint 0 Force Stall Bit
This read/write bit causes Endpoint 0 to return a STALL handshake when
polled by either an IN or OUT token by the USB Host Controller. The USB
hardware clears this bit when a SETUP token is received. Reset clears this bit.
1 =
Send STALL handshake
0 =
Default
TX0E — Endpoint 0 Transmit Enable
This read/write bit enables a transmit to occur when the USB Host controller
sends an IN token to Endpoint 0. Software should set this bit when data is
ready to be transmitted. It must be cleared by software when no more Endpoint
0 data needs to be transmitted.
If this bit is 0 or the TXD0F is set, the USB will respond with a NAK handshake
to any Endpoint 0 IN tokens. Reset clears this bit.
1 =
Data is ready to be sent.
0 =
Data is not ready. Respond with NAK.
RX0E — Endpoint 0 Receive Enable
This read/write bit enables a receive to occur when the USB Host controller
sends an OUT token to Endpoint 0. Software should set this bit when data is
ready to be received. It must be cleared by software when data cannot be
received.
If this bit is 0 or the RXD0F is set, the USB will respond with a NAK handshake
to any Endpoint 0 OUT tokens. Reset clears this bit.
1 =
Data is ready to be received.
0 =
Not ready for data. Respond with NAK.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UCR0
R
T0SEQ
STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
$003B
W
reset
⇒
00000000
Figure 10-23. USB Control Register 0 (UCR0)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com