Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 94 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 90Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 91Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 92Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 93Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 94Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 95Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 96Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 97Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-26
REV 1.1
10.5.8 USB Endpoint 0 Data Registers (UE0D0-UE0D7)
UE0RD7 - UE0RD0 — Endpoint 0 Receive Data Buffer
These read only bits are serially loaded with OUT token or SETUP token data
received over the USB’s D+ and D- pins.
UE0TD7 - UE0TD0 — Endpoint 0 Transmit Data Buffer
These write only buffers are loaded by software with data to be sent on the
USB bus on the next IN token directed at Endpoint 0.
10.5.9 USB Endpoint 1/Endpoint 2 Data Registers (UE1D0-UE1D7)
UE1TD7 - UE1TD0 — Endpoint 1/ Endpoint 2 Transmit Data Buffer
These write only buffers are loaded by software with data to be sent on the
USB bus on the next IN token directed at Endpoint 1 or Endpoint 2. These
buffers are shared by Endpoints 1 and 2 and depend on proper configuration of
the ENDADD bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UE0D0
R
UE0RD7 UE0RD6 UE0RD5 UE0RD4 UE0RD3 UE0RD2 UE0RD1 UE0RD0
$0020
W
UE0TD7 UE0TD6 UE0TD5 UE0TD4 UE0TD3 UE0TD2 UE0TD1 UE0TD0
to
::::::::
::::::::
UE0D7
R
UE0RD7 UE0RD6 UE0RD5 UE0RD4 UE0RD3 UE0RD2 UE0RD1 UE0RD0
$0027
W
UE0TD7 UE0TD6 UE0TD5 UE0TD4 UE0TD3 UE0TD2 UE0TD1 UE0TD0
reset
⇒
XXXXXXXX
Figure 10-27. USB Endpoint 0 Data Register (UE0D0-UE0D7)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UE1D0
R
$0028
W
UE1TD7 UE1TD6 UE1TD5 UE1TD4 UE1TD3 UE1TD2 UE1TD1 UE1TD0
to
::::::::
::::::::
UE1D7
R
$002F
W
UE1TD7 UE1TD6 UE1TD5 UE1TD4 UE1TD3 UE1TD2 UE1TD1 UE1TD0
reset
⇒
XXXXXXXX
Figure 10-28. USB Endpoint 1/Endpoint2 Data Registers (UE1D0-UE1D7)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com