Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 52 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 48Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 49Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 50Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 51Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 52Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 53Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 54Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 55Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
INPUT/OUTPUT PORTS
MC68HC705JB2
7-6
REV 1.1
7.3
I/O PORT PROGRAMMING
All I/O pins can be programmed as inputs or outputs, with or without pulldown/
pullup devices.
7.3.1 Pin Data Direction
The direction of a pin is determined by the state of its corresponding bit in the
associated port Data Direction Register (DDR). A pin is configured as an output if
its corresponding DDR bit is set to a logic one. A pin is configured as an input if its
corresponding DDR bit is cleared to a logic zero.
The data direction bits DDRB0 thru DDRB2 and DDRA0 thru DDRA7 are read/
write bits which can be manipulated with read-modify-write instructions. At power-
on or reset, all DDR’s are cleared which configures all port pins as inputs. If the
pulldown/up mask option is chosen, all pins will initially power-up with their
software programmable Pulldown/ups enabled.
7.3.2 Output Pin
When an I/O pin is programmed as an output pin, the state of the corresponding
data register bit will determine the state of the pin. The state of the data register
bits can be altered by writing to address $0000 for Port A and address $0001 for
Port B. Reads of the corresponding data register bit at address $0000 or $0001
will return the state of the data register bit (not the state of the I/O pin itself).
Therefore bit manipulation is possible on all pins programmed as outputs.
If the corresponding bit in the pulldown/up register is clear (and the pulldown/up
mask option is chosen), only output pins with pullups have an activated pullup
device connected to the pin. For those pins with pulldowns and configured as
output pins, the pulldowns will be inactivated regardless of the state of the
corresponding pulldown/up register bit. Since the pulldown/up register bits are
write-only, bit manipulation should not be used on these register bits.
7.3.3 Input Pin
When an I/O pin is programmed as an input pin, the state of the pin can be
determined by reading the corresponding data register bit. Any writes to the
corresponding data register bit for an input pin will be ignored in the sense that the
written value will not be reflected on the pin, rather it is only reflected in the port
data register. Please refer to Table 7-1 and Table 7-2 for details.
If the corresponding bit in the pulldown/up register is clear (and the pulldown/up
mask option is chosen) the input pin will also have an activated pulldown/up
device. Since the pulldown/up register bits are write-only, bit manipulation should
not be used on these register bits.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com