Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 80 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 76Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 77Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 78Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 79Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 80Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 81Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 82Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 83Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-12
REV 1.1
10.4.2 USB Transceiver
The USB transceiver provides the physical interface to the USB D+ and D- data
lines. The transceiver is composed of two parts: an output drive circuit and a
differential receiver.
10.4.2.1 Output Driver Characteristics
The USB transceiver uses a differential output driver to drive the USB data signal
onto the USB cable. The static output swing of the driver in its low state is below
the VOL of 0.3 V with a 1.5 kΩ load to 3.6 V and in its high state is above the VOH
of 2.8 V with a 15 k
Ω load to ground. The output swings between the differential
high and low state are well balanced to minimize signal skew. Slew rate control on
the driver is used to minimize the radiated noise and cross talk. The driver’s
outputs support three-state operation to achieve bi-directional half duplex
operation. The driver can tolerate a voltage on the signal pins of -0.5 V to 3.8 V
with respect to local ground reference without damage.
10.4.2.2 Low Speed (1.5 Mbs) Driver Characteristics
The rise and fall time of the signals on this cable are greater than 75 ns to keep
RFI emissions under FCC class B limits, and less than 300 ns to limit timing
delays and signaling skews and distortions. The driver reaches the specified static
signal levels with smooth rise and fall times, and minimal reflections and ringing
when driving the cable. This driver is used only on network segments between low
speed devices and the ports to which they are connected.
Figure 10-12. Low Speed Driver Signal Waveforms
ONE BIT
TIME
(1.5 Mb/s)
SIGNAL PINS
PASS OUTPUT SPEC
LEVELS WITH MINIMAL
REFLECTIONS AND RINGING
VSE (min)
VSE (max)
VSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com