Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 3 Page - NXP Semiconductors

  HC705JB2GRS/H Datasheet HTML 1Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 2Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 3Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 4Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 5Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 6Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 7Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 8Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
TABLE OF CONTENTS
Section
Title
Page
August 28, 1998
GENERAL RELEASE SPECIFICATION
REV 1.1
i
SECTION 1
GENERAL DESCRIPTION
1.1
FEATURES ...................................................................................................... 1-1
1.2
MASK OPTIONS.............................................................................................. 1-2
1.3
MCU STRUCTURE.......................................................................................... 1-3
1.4
FUNCTIONAL PIN DESCRIPTIONS ............................................................... 1-4
1.4.1
VDD, VSS .................................................................................................... 1-4
1.4.2
OSC1, OSC2 ............................................................................................... 1-4
1.4.3
RESET......................................................................................................... 1-6
1.4.4
IRQ/VPP ...................................................................................................... 1-6
1.4.5
PA0-PA7 ...................................................................................................... 1-7
1.4.6
PB0-PB2 ...................................................................................................... 1-7
1.4.7
D+, D– ......................................................................................................... 1-7
1.4.8
3.3V ............................................................................................................. 1-7
SECTION 2
MEMORY
2.1
MEMORY MAP ................................................................................................ 2-1
2.2
I/O AND CONTROL REGISTERS ................................................................... 2-2
2.3
RAM ................................................................................................................. 2-3
2.4
EPROM ............................................................................................................ 2-3
2.5
BOOTLOADER ROM....................................................................................... 2-3
SECTION 3
CENTRAL PROCESSING UNIT
3.1
REGISTERS .................................................................................................... 3-1
3.2
ACCUMULATOR (A)........................................................................................ 3-2
3.3
INDEX REGISTER (X) ..................................................................................... 3-2
3.4
STACK POINTER (SP) .................................................................................... 3-2
3.5
PROGRAM COUNTER (PC) ........................................................................... 3-3
3.6
CONDITION CODE REGISTER (CCR) ........................................................... 3-3
3.6.1
Half Carry Bit (H-Bit) .................................................................................... 3-3
3.6.2
Interrupt Mask (I-Bit) .................................................................................... 3-3
3.6.3
Negative Bit (N-Bit) ...................................................................................... 3-3
3.6.4
Zero Bit (Z-Bit) ............................................................................................. 3-4
3.6.5
Carry/Borrow Bit (C-Bit) ............................................................................... 3-4
SECTION 4
INTERRUPTS
4.1
CPU INTERRUPT PROCESSING ................................................................... 4-1
4.2
RESET INTERRUPT SEQUENCE .................................................................. 4-2
4.3
SOFTWARE INTERRUPT (SWI) ..................................................................... 4-4
4.4
HARDWARE INTERRUPTS ............................................................................ 4-4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com