Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 62 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 58Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 59Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 60Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 61Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 62Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 63Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 64Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 65Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
PROGRAMMABLE TIMER
MC68HC705JB2
9-4
REV 1.1
counter registers is shown in Figure 9-4. The alternate counter registers behave
the same as the timer registers, except that any reads of the alternate counter will
not have any effect on the TOF flag bit and Timer interrupts. The alternate counter
registers include a transparent buffer latch on the LSB of the 16-bit timer counter.
Figure 9-4. Alternate Counter Block Diagram
The alternate counter registers (ACRH, ACRL) shown in Figure 9-5 are read-only
locations which contain the current high and low bytes of the 16-bit free-running
counter. Writing to the alternate counter registers has no effect. Reset of the
device presets the timer counter to $FFFC.
The ACRL latch is a transparent read of the LSB until the a read of the ACRH
takes place. A read of the ACRH latches the LSB into the ACRL location until the
ACRL is again read. The latched value remains fixed even if multiple reads of the
ACRH take place before the next read of the ACRL. Therefore, when reading the
MSB of the timer at ACRH the LSB of the timer at ACRL must also be read to
complete the read sequence.
During power-on-reset (POR), the counter is initialized to $FFFC and begins
counting after the oscillator start-up delay. Because the counter is sixteen bits and
preceded by a fixed divide-by-four prescaler, the value in the counter repeats
every 262,144 internal bus clock cycles (524,288 oscillator cycles).
Reading the ACRH and ACRL in any order or any number of times does not have
any effect on the 16-bit free-running counter or the TOF flag bit.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ACRH
R
ACRH7
ACRH6
ACRH5
ACRH4
ACRH3
ACRH2
ACRH1
ACRH0
$001A
W
reset:
11111111
ACRL
R
ACRL7
ACRL6
ACRL5
ACRL4
ACRL3
ACRL2
ACRL1
ACRL0
$001B
W
reset:
11111100
Figure 9-5. Alternate Counter Registers (ACRH, ACRL)
ACRH ($001A)
TMR LSB
16-BIT COUNTER
÷ 4
INTERNAL
(fOSC ÷ 2)
RESET
CLOCK
ACRL ($001B)
INTERNAL
($FFFC)
DATA
READ
ACRH
READ
ACRL
READ
LATCH
BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com