Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 47 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 43Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 44Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 45Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 46Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 47Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 48Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 49Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 50Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INPUT/OUTPUT PORTS
REV 1.1
7-1
SECTION 7
INPUT/OUTPUT PORTS
In the Normal Operating Mode, there are 11 bidirectional I/O lines arranged as
one 8-bit I/O port (Port A), and one 3-bit I/O port (Port B). Each port line can be
programed as either input or output, under software control, by the data direction
registers (DDR’s). Also, if enabled by a mask option, all Port A and Port B I/O pins
may have individual software programmable pulldown or pullup devices. PA4 to
PA7 and PB1 & PB2 pins have the additional properties of sinking higher current.
PA0 to PA3 may function as additional IRQ interrupt input sources (mask option).
PB1 and PB2 have open drain output drivers, with optional slow falling-edge
output transitions. The transition delay is 170ns (typical), with a bus rate of 3MHz
and a loading of 50pF.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com