Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 39 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 35Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 36Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 37Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 38Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 39Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 40Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 41Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 42Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
RESETS
REV 1.1
5-1
SECTION 5
RESETS
The MCU can be reset in five ways:
•
by an active low input to the RESET pin,
•
by initial power-on reset,
•
by an USB reset,
•
by an illegal address access, and
•
by a low voltage reset function.
The RESET pin is an I/O pin as shown in Figure 5-1. The internal steering diode
for discharge and pull-up device are not shown here. All the peripheral modules
which drive external pins will be reset by the synchronous reset signal (RST)
coming from a latch, which is synchronized to the internal bus clock and set by
any of the five reset sources.
Figure 5-1. Reset Block Diagram
RESET
RESET
LATCH
R
POWER-ON RESET
ILLEGAL ADDRESS RESET
INTERNAL
D
INTERNAL
CLOCK
S
RST
TO CPU
AND
LOW VOLTAGE RESET
VDD
SUBSYSTEMS
ADDRESS BUS
USB RESET DETECTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com