Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 69 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 65Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 66Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 67Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 68Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 69Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 70Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 71Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 72Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-1
SECTION 10
UNIVERSAL SERIAL BUS MODULE
This USB Module is designed for USB application in LS products. With minimized
software effort, it can fully comply with USB LS device specification. See USB
specification version 1.0 for the detail description of USB.
10.1
FEATURES
•
Integrated 3.3 Volt Regulator with 3.3V Output Pin
•
Integrated USB transceiver supporting Low Speed functions
•
USB Data Control Logic
– Packet decoding/generation
– CRC generation and checking
– NRZI encoding/decoding
– Bit-stuffing
•
USB reset support
•
Control Endpoint 0 and Interrupt Endpoints 1 and 2
•
Two 8-byte transmit buffers
•
One 8-byte receive buffer
•
Suspend and resume operations
•
Remote Wake-up support
•
USB generated interrupts
•
transaction interrupt driven
•
Resume interrupt
•
End of Packet interrupt
•
STALL, NAK, and ACK handshake generation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com