Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 75 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 71Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 72Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 73Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 74Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 75Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 76Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 77Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 78Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-7
Figure 10-7. CRC Block Diagram for Data Packets
10.2.1.6 End Of Packet (EOP)
The single-ended 0 (SE0) state is used to signal an end of packet (EOP). The
single-ended 0 state is indicated by both D+ and D- being below 0.8 V. EOP will be
signaled by driving D+ and D- to the single-ended 0 state for two bit times followed
by driving the lines to the idle state for one bit time. The transition from the single-
ended 0 to the idle state defines the end of the packet. The idle state is asserted
for one bit time and then both the D+ and D- output drivers are placed in their
high-impedance state. The bus termination resistors hold the bus in the idle state.
Figure 10-8 shows the data signaling and voltage levels for an end of packet
transaction.
MUX
0
16
16
16
16
1
0
next bit
Input / Output
Update every bit time
Reset to ones at SOP
Equal?
Good CRC
Bad CRC
16
Y
N
Expected Residual:
Generator Polynomial:
Data Stream
Output
Data Stream
CRC16 Transmitted
MSB first after final
data byte.
TRANSMIT
RECEIVE
00000
10000
0 001 0 1
00 0 0 0
1 0 000
0 0 110 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com