Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 58 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 54Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 55Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 56Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 57Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 58Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 59Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 60Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 61Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
MULTI-FUNCTION TIMER
MC68HC705JB2
8-4
REV 1.1
TOFR - Timer Overflow Acknowledge
The TOFR is an acknowledge bit that resets the TOF flag bit. This bit is
unaffected by reset. Reading the TOFR will always return a logical zero.
1 =
Clears the TOF flag bit.
0 =
Does not clear the TOF flag bit.
RTIFR - Real Time Interrupt Acknowledge
The RTIFR is an acknowledge bit that resets the RTIF flag bit. This bit is
unaffected by reset. Reading the RTIFR will always return a logical zero.
1 =
Clears the RTIF flag bit.
0 =
Does not clear the RTIF flag bit.
RT1, RT0 - Real Time Interrupt period select bits
These two bits select one of the four real time interrupt periods.
8.2
OPERATION DURING STOP MODE
When STOP is exited by an external interrupt or an LVR reset or an external
RESET, the internal oscillator will resume, followed by a 128 or 4064 internal
processor oscillator stabilization delay.
Bus Frequency, fBUS=fOP=3.0 MHz
RT1
RT0
Divide Ratio
RTI Rate
00
214
5.46ms
01
215
10.92ms
10
216
21.85ms
11
217
43.69ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com