Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 67 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 63Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 64Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 65Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 66Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 67Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 68Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 69Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 70Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
PROGRAMMABLE TIMER
REV 1.1
9-9
OCIE - OUTPUT COMPARE INTERRUPT ENABLE
This read/write bit enables interrupts caused by a successful compare between
the timer counter and the output compare registers. Reset clears the OCIE bit.
1 =
Output compare interrupts enabled.
0 =
Output compare interrupts disabled.
TOIE - TIMER OVERFLOW INTERRUPT ENABLE
This read/write bit enables interrupts caused by a timer overflow. Reset clears
the TOIE bit.
1 =
Timer overflow interrupts enabled.
0 =
Timer overflow interrupts disabled.
IEDG - INPUT CAPTURE EDGE SELECT
The state of this read/write bit determines whether a positive or negative
transition on the TCAP pin triggers a transfer of the contents of the timer
register to the input capture register. Reset has no effect on the IEDG bit.
1 =
Positive edge (low to high transition) triggers input capture.
0 =
Negative edge (high to low transition) triggers input capture.
9.6
TIMER STATUS REGISTER (TSR)
The timer status register (TSR) shown in Figure 9-11 contains flags for the
following events:
•
An active signal on the PB0/TCAP pin, transferring the contents of the
timer registers to the input capture registers.
•
A match between the 16-bit counter and the output compare registers
•
An overflow of the timer registers from $FFFF to $0000.
Writing to any of the bits in the TSR has no effect. Reset does not change the
state of any of the flag bits in the TSR.
ICF - INPUT CAPTURE FLAG
The ICF bit is automatically set when an edge of the selected polarity occurs on
the PB0/TCAP pin. Clear the ICF bit by reading the timer status register with
the ICF set, and then reading the low byte (ICRL, $0015) of the input capture
registers. Reset has no effect on ICF.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TSR
R
ICF
OCF
TOF
00000
$0013
W
reset:
U
U
U
00000
U = UNAFFECTED BY RESET
Figure 9-11. Timer Status Registers (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com