Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 77 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 73Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 74Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 75Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 76Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 77Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 78Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 79Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 80Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-9
After a reset is removed, the device will be in the attached, but not yet addressed
or configured state (refer to Section 9.1 of the USB specification). The device must
be able to accept a device address via a SET_ADDRESS command (refer to
section 9.4 of the USB specification) no later than 10 ms after the reset is
removed.
Reset can wake a device from the suspended mode. A device may take up to
10ms to wake up from the suspended state.
10.2.3 Suspend
The MC68HC705JB2 supports suspend mode for low power. Suspend mode
should be entered when the USB data lines are in the idle state for more than 3.0
ms. Entry into Suspend mode is controlled by the SUSPND bit in the USB
Interrupt Register. Any low speed bus activity should keep the device out of the
suspend state. Low speed devices are kept awake by periodic low speed EOP
signals from the host. This is referred to as Low speed keep alive (refer to Section
11.2.5.1 of the USB specification).
Firmware should monitor the EOPF flag and enter suspend mode by setting the
SUSPND bit if an EOP is not detected for 3 ms.
Per the USB specification, the MC68HC705JB2 is required to draw less than
500
µA from the V
DD supply when in the suspend state. This includes the current
supplied by the voltage regulator to the 15 K
Ω to ground termination resistors
placed at the host end of the USB bus. This low current requirement means that
firmware is responsible for entering STOP mode once the USB module has been
placed in the suspend state.
10.2.4 Resume After Suspend
The MC68HC705JB2 can be activated from the suspend state by normal bus
activity, a USB reset signal, or by a forced resume driven from the
MC68HC705JB2.
10.2.4.1 Host Initiated Resume
The host signals resume by initiating resume signalling (“K” state) for at least 20
ms followed by a standard low speed EOP signal. This 20 ms ensures that all
devices in the USB network are awakened.
After resuming the bus, the host must begin sending bus traffic within 3 ms to
prevent the device from re-entering suspend mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com