Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 50 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 46Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 47Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 48Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 49Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 50Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 51Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 52Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 53Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
INPUT/OUTPUT PORTS
MC68HC705JB2
7-4
REV 1.1
7.2
PORT B
Port B is a 3-bit bidirectional port which functions as shown in Figure 7-2. Each
Port B pin is controlled by the corresponding bits in a data direction register, a
data register, and a pulldown/up register. The Port B Data Register is located at
address $0001. The Port B Data Direction Register (DDRB) is located at address
$0005. The Port B Pulldown/up Register (PDURB) is located at address $0011.
Reset clears the DDRB and the PDURB. The Port B Data Register is unaffected
by reset.
PB0 is a standard push-pull I/O pin with pulldown option; and is shared with TCAP.
PB1 and PB2 are of open-drain type, with pullup option, each capable of sinking
25mA (typical) current at VOL 0.5V max. These two pins may be connected
together to constitute a single pin capable of sinking 50mA (typical). In this case,
both PB1 and PB2 data bits will have to be written with the same value at the
same write cycle.
Figure 7-2. Port B I/O Circuitry
7.2.1 Port B Data Register
All Port B I/O pins have a corresponding bit in the Port B Data Register. When a
Port B pin is programmed as an output the state of the corresponding data
register bit determines the state of the output pin. When a Port B pin is
programmed as an input, any read of the Port B Data Register will return the logic
state of the corresponding I/O pin. The Port B data register is unaffected by reset.
Unused bits will always read as logic zeros, and any write to these bits will be
ignored. The Port B data register is unaffected by reset.
Write $0011
Read $0001
Write $0001
Read $0005
Write $0005
Internal HC05
Data Bus
100
µA
Pulldown
Data
Register Bit
Output
Mask Option
(Software Pulldown/up Inhibit)
Reset
(RST)
Data Direction
Register Bit
Pulldown/up
Register Bit
VDD
100K
Pullup
Note: Each I/O port pin can have either pullup or pulldown device, but not both.
PB1 and PB2 output drivers are of open-drain type
I/O Pin
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com