Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 57 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 53Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 54Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 55Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 56Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 57Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 58Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 59Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 60Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
MULTI-FUNCTION TIMER
REV 1.1
8-3
8.1.2 Timer Control/Status Register (TCSR) $08
The TCSR contains the timer interrupt flag bits, the timer interrupt enable bits, and
the real time interrupt rate select bits. Bit 2 and bit 3 are write-only bits which will
read as logical zeros. Figure 8-3 shows the value of each bit in the TCSR
following reset.
Figure 8-3. Timer Control/Status Register (TCSR)
TOF - Timer Overflow Flag
The TOF is a read-only flag bit.
1 =
Set when the 8-bit ripple counter rolls over from $FF to $00. A
TIMER Interrupt request will be generated if TOFE is also set.
0 =
Reset by writing a logical one to the TOF acknowledge bit, TOFR.
Writing to the TOF flag bit has no effect on its value. This bit is
cleared by reset.
RTIF - Real Time Interrupt Flag
The RTIF is a read-only flag bit.
1 =
Set when the output of the chosen (1 of 4 selections) Real Time
Interrupt stage goes active. A TIMER Interrupt request will be
generated if RTIE is also set.
0 =
Reset by writing a logical one to the RTIF acknowledge bit, RTIFR.
Writing to the RTIF flag bit has no effect on its value. This bit is
cleared by reset.
TOFE - Timer Overflow Enable
The TOFE is an enable bit that allows generation of a TIMER Interrupt upon
overflow of the Timer Counter Register.
1 =
When set, the TIMER Interrupt is generated when the TOF flag bit is
set.
0 =
When cleared, no TIMER interrupt caused by TOF bit set will be
generated. This bit is cleared by reset.
RTIE - Real Time Interrupt Enable
The RTIE is an enable bit that allows generation of a TIMER Interrupt by the
RTIF bit.
1 =
When set, the TIMER Interrupt is generated when the RTIF flag bit is
set.
0 =
When cleared, no TIMER interrupt caused by RTIF bit set will be
generated. This bit is cleared by reset.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCSR
R
TOF
RTIF
TOFE
RTIE
00
RT1
RT0
$0008
W
TOFR
RTIFR
reset:
00000011
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com