Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 101 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 97Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 98Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 99Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 100Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 101Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 102Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 103Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 104Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
EPROM
REV 1.1
11-1
SECTION 11
EPROM
This section describes erasable programmable read-only memory (EPROM)
programming.
11.1
EPROM
The on-chip user EPROM consists of 2048 bytes of EPROM from $1600 to
$1DFF and 16 bytes of user vectors from $1FF0 to $1FFF.
The bootloader ROM and vectors are located from $1E00 to $1FEF.
12 of the user vectors, $1FF4-$1FFF, are dedicated to reset and interrupt vectors.
The four remaining locations, $1FF0-$1FF3, are reserved for test functions. The
Mask Option Register is located at $01FF.
11.2
BOOTLOADER
This program (contained in an on-chip boot ROM) handles copying of user code
from an external EPROM into the on-chip EPROM. The bootloader function does
not have to be done from an EPROM, but can be done from a host.
11.2.1 Bootloader Mode
Bootloader mode is entered upon the rising edge of RESET if the IRQ/VPP pin is
at VTST and the PB0 pin is at logic zero. The bootloader performs one
programming pass at 1ms per byte then does a verify pass.
The user code must be a one-to-one correspondence with the internal EPROM
addresses.
Table 11-1. Operation Mode Condition After Reset
RESET Pin
IRQ/VPP
PB0/TCAP
MODE
VSS to VDD
VSS to VDD
Single-Chip (Normal)
VTST
VSS
Bootloader
VTST = 2 x VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com