Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 143 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 230 page
background image
Simple Serial Interface
SIOP Registers
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Simple Serial Interface
SPIR — Serial Peripheral Interrupt Reset
The SPIR bit is a write-only control to reset the SPIF flag bit in the
SSR. Reading the SPIR bit will return a logical zero.
1 = Reset the SPIF flag bit
0 = No effect
CPHA — Clock Phase
The CPHA bit controls the clock timing and phase in the SIOP. Data
is changed on the falling edge of SCK and data is captured (read) on
the rising edge of SCK. This bit is cleared by reset.
1 = SCK is idle low
0 = SCK is idle high
SPR0:1 — Serial Peripheral Clock Rate Selects
The SPR0 and SPR1 bits select one of four clock rates given in Table
9-1 to be supplied on the PB7/SCK pin when the device is configured
with the SIOP as a master (MSTR = 1). The fastest rate is when both
SPR0 and SPR1 are set. Both the SPR0 and SPR1 bits are cleared
by reset, which places the SIOP clock selection at the slowest rate.
Table 9-1. SIOP Clock Rate Selection
SPR1
SPR0
SIOP Clock Rate
(Oscillator Frequency
Divided by:)
00
64
01
32
10
16
11
8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com