Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 73 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 230 page
background image
Operating Modes
Low-Power Modes
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Operating Modes
6.4.1 Stop Mode
The STOP instruction puts the MCU in a mode with the lowest power
consumption and affects the MCU as follows:
•
Turns off the CPU clock and all internal clocks by stopping both
the external pin oscillator and the internal low-power oscillator.
The selection of the oscillator by the OM1 and OM2 bits in the
ISCR is not affected. The stopped clocks turn off the COP
watchdog, the core timer, the programmable timer, the analog
subsystem, and the SIOP.
•
Removes any pending core timer interrupts by clearing the core
timer interrupt flags (CTOF and RTIF) in the core timer status and
control register (CTSCR)
•
Disables any further core timer interrupts by clearing the core
timer interrupt enable bits (CTOFE and RTIE) in the CTSCR
•
Removes any pending programmable timer interrupts by clearing
the timer interrupt flags (ICF, OCF, and TOF) in the timer status
register (TSR).
•
Disables any further programmable timer interrupts by clearing the
timer interrupt enable bits (ICIE, OCIE, and TOIE) in the timer
control register (TCR).
•
Enables external interrupts via the IRQ/VPP pin by setting the
IRQE bit in the IRQ status and control register (ISCR). External
interrupts are also enabled via the PA0 through PA3 pins, if the
port A interrupts are enabled by the PIRQ bit in the mask option
register (MOR).
•
Enables interrupts in general by clearing the I bit in the condition
code register
The STOP instruction does not affect any other bits, registers, or I/O
lines.
The following conditions bring the MCU out of stop mode:
•
An external interrupt signal on the IRQ/VPP pin — A high-to-low
transition on the IRQ/VPP pin loads the program counter with the
contents of locations $1FFA and $1FFB.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com