Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 87 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 230 page
background image
Parallel Input/Output
Port B
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Parallel Input/Output
7.4.5 PB0, PBI, PB2 and PB3 Logic
The typical I/O logic shown in Figure 7-8 is used for PB0, PB1, PB2, and
PB3 pins of port B. When these port B pins are programmed as an
output, reading the port bit actually reads the value of the data latch and
not the voltage on the pin itself. When these port B pins are programmed
as an input, reading the port bit reads the voltage level on the pin. The
data latch can always be written, regardless of the state of its DDRB bit.
The operations of the PB0:3 pins are summarized in Table 7-2.
Figure 7-8. PB0:3 Pin I/O Circuit
PORT BDATA
REGISTER
BIT PBx
DATA DIRECTION
REGISTER B
BIT DDRBx
PULLDOWN
REGISTER B
BIT PDIBx
R
R
PBx
ANALOG SUBSYSTEM,
AND PROGRAMMABLE
TIMER INPUT CAPTURE
READ $0005
WRITE $0001
READ $0001
WRITE $0011
PULLDOWN
DEVICE
RESET
(PINS PB0, PB1, PB2, PB3)
WRITE $0005
MASK OPTION REGISTER ($1FF1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com