Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 29 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 25Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 26Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 27Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 28Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 29Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 30Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 31Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 32Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 230 page
background image
General Description
PA0–PA5
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
General Description
applies to the I/O pins that are ORed to create the IRQ signal. For more
information, refer to 4.6 External Interrupts.
1.10 PA0–PA5
These six I/O lines comprise port A, a general-purpose bidirectional I/O
port. This port also has four pins which have keyboard interrupt
capability. All six of these pins have high current source and sink
capability.
All of these pins have software programmable pulldowns which can be
disabled by the SWPDI bit in the MOR.
1.11 PB0–PB7
These eight I/O lines comprise port B, a general-purpose bidirectional
I/O port. This port is also shared with the 16-bit programmable timer
input capture and output compare functions, with the two voltage
comparators in the analog subsystem, and with the simple serial
interface (SIOP).
The outputs of voltage comparator 1 can directly drive the PB4 pin; and
the PB4 pin has high current source and sink capability.
All of these pins have software programmable pulldowns which can be
disabled by the SWPDI bit in the MOR.
1.12 PC0–PC7 (MC68HC705JP7)
These eight I/O lines comprise port C, a general-purpose bidirectional
I/O port. This port is only available on the 28-pin MC68HC705JP7. All
eight of these pins have high current source and sink capability.
All of these pins have software programmable pulldowns which can be
disabled by the SWPDI bit in the MOR.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com