Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 84 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
7.4 Port B
Port B is an 8-bit, general-purpose bidirectional I/O port with the
following features:
•
Programmable pulldown devices
•
PB0–PB4 are shared with the analog subsystem
•
PB3 and PB4 are shared with the 16-bit programmable timer
•
PB4 can be driven directly by the output of comparator 1
•
PB5–PB7 are shared with the simple serial interface (SIOP)
•
High current sinking capability on the PB4 pin
•
High current sourcing capability on the PB4 pin
7.4.1 Port B Data Register (PORTB)
The port B data register contains a bit for each of the port B pins. When
a port B pin is programmed to be an output, the state of its data register
bit determines the state of the output pin. When a port B pin is
programmed to be an input, reading the port B data register returns the
logic state of the pin. Reset has no effect on port B data.
PB0-PB7 — Port B Data Bits
These read/write bits are software programmable. Data direction of
each bit is under the control of the corresponding bit in data direction
register B. Reset has no effect on port B data.
$0001
Bit 7
654321
Bit 0
Read:
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Write:
Reset:
Unaffected by Reset
Alternate:
SCK
SDI
SDO
AN4
AN3
AN2
AN1
AN0
Alternate:
SCK
SDI
SDO
TCMP
TCAP
AN2
AN1
AN0
Alternate:
SCK
SDI
SDO
CMP1
TCAP
AN2
AN1
AN0
Figure 7-5. Port B Data Register (PORTB)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com