Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 90 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
When using the PB4/AN4/TCMP/CMP1 pin, the following interactions
must be noted:
1. If the OLVL timer output compare function is the required output
function, then the DDRB4 bit must be set, the PB4 data bit must
be cleared and the OPT bit in the MOR must be cleared. The
PB4/AN4/TCMP/CMP1 pin becomes an output which follows the
state of the OLVL bit. The pulldown device will be disabled in this
case. The analog subsystem would not normally use this pin as an
analog input in this case.
2. If the PB4 data bit is the required output function, then the DDRB4
bit must be set, the OLVL bit in the TCR must be cleared and the
OPT bit in the MOR must be cleared. The pulldown device will be
disabled in this case. The analog subsystem would not normally
use this pin as an analog input in this case.
3. If the comparator 1 output is the desired output function then the
PB4 data bit must be cleared, the DDRB4 bit must be set, the
OLVL bit in the TCR must be cleared and the OPT bit in the MOR
must be set. The PB4/AN4/TCMP/CMP1 pin becomes an output
which follows the state of the OLVL bit. The pulldown device will
be disabled in this case. The analog subsystem would not
normally use this pin as an analog input in this case.
4. If the PB4 pin is to be an input to the analog subsystem or a digital
input, then the DDRB4 bit must be cleared. In this case, the PB4
pin can still be read; but the voltage present will be returned as a
binary value. Depending on the external application, the PB4
pulldown may also be disabled by setting the PDIB4 pulldown
inhibit bit. In this case both the digital and analog functions
connected to this pin can be utilized.
.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com