Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 230 page
background image
General Description
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Description
1.2 Introduction
The Motorola MC68HC705JJ7 and MC68HC705JP7 are EPROM
versions of the MC68HC05JJ/JP Family of microcontrollers.
1.3 Features
•
Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7)
or 28-Pin Package (MC68HC705JP7)
•
6160 Bytes of User EPROM (Including 16 Bytes of User Vectors)
•
224 Bytes of Low-Power User RAM (4 Transistors)
•
64 Bits of Personality EPROM (Serial Access)
•
16-Bit Programmable Timer with Input Capture and Output
Compare
•
15-Stage Core Timer Including 8-Bit Free-Running Counter
and 4-Stage Selectable Real-Time Interrupt Generator
•
Simple Serial Input/Output Port (SIOP) with Interrupt Capability
•
Two Voltage Comparators, One of Which Can be Combined with
the 16-Bit Programmable Timer to Create a 4-Channel, Single-
Slope A/D Converter
•
Output of Voltage Comparator Can Drive Port Pin PB4 Directly
Under Software Control
•
14 I/O Lines (MC68HC705JJ7) or 22 I/O Lines (MC68HC705JP7)
Including High-Source/Sink Current Capability on 6 I/O Pins
(MC68HC705JJ7) or 14 I/O Pins (MC68HC705JP7)
•
Programmable 8-Bit Mask Option Register (MOR) to Select Mask
Options Found in ROM-Based Versions
•
MOR Selectable Software Programmable Pulldowns on All I/O
Pins and Keyboard Scan Interrupt on Four I/O Pins
•
Software Mask and Request Bit for IRQ Interrupt with MOR
Selectable Sensitivity on IRQ Interrupt (Edge- and Level-Sensitive
or Edge-Only)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com