Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 230 page
background image
Central Processor Unit (CPU)
Condition Code Register (CCR)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Central Processor Unit (CPU)
Half-Carry Flag (H)
The CPU sets the half-carry flag when a carry occurs between bits 3
and 4 of the accumulator during an ADD or ADC operation. The
half-carry flag is required for binary coded decimal (BCD) arithmetic
operations. Reset has no affect on the half-carry flag.
Interrupt Mask (I)
Setting the interrupt mask disables interrupts. If an interrupt request
occurs while the interrupt mask is a logic zero, the CPU saves the
CPU registers on the stack, sets the interrupt mask, and then fetches
the interrupt vector. If an interrupt request occurs while the interrupt
mask is set, the interrupt request is latched. The CPU processes the
latched interrupt as soon as the interrupt mask is cleared again.
A return from interrupt (RTI) instruction pulls the CPU registers from
the stack, restoring the interrupt mask to its cleared state. After a
reset, the interrupt mask is set and can be cleared only by a CLI
instruction.
Negative Flag (N)
The CPU sets the negative flag when an arithmetic operation, logical
operation, or data manipulation produces a negative result. Reset has
no affect on the negative flag.
Zero Flag (Z)
The CPU sets the zero flag when an arithmetic operation, logical
operation, or data manipulation produces a result of $00. Reset has
no affect on the zero flag.
Carry/Borrow Flag (C)
The CPU sets the carry/borrow flag when an addition operation
produces a carry out of bit 7 of the accumulator or when a subtraction
operation requires a borrow. Some logical operations and data
manipulation instructions also clear or set the carry/borrow flag. Reset
has no affect on the carry/borrow flag.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com