Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 17 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 13Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 14Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 15Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 230 page
background image
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
List of Tables
General Release Specification — MC68HC705JJ7/MC68HC705JP7
List of Tables
Table
Title
Page
1-1
Device Options by Part Number . . . . . . . . . . . . . . . . . . . . . . . .22
4-1
Reset/Interrupt Vector Addresses. . . . . . . . . . . . . . . . . . . . . . .47
4-2
Oscillator Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
6-1
Oscillator Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .70
7-1
Port A Pin Functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83
7-2
Port B Pin Functions — PB0:4 . . . . . . . . . . . . . . . . . . . . . . . . .91
7-3
Port B Pin Functions — PB5:7 . . . . . . . . . . . . . . . . . . . . . . . . .98
7-4
Port C Pin Functions (28-Pin Versions Only) . . . . . . . . . . . . .102
8-1
Comparator 2 Input Sources . . . . . . . . . . . . . . . . . . . . . . . . .107
8-2
Channel Select Bus Combinations . . . . . . . . . . . . . . . . . . . . .110
8-3
A/D Conversion Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . .112
8-4
A/D Conversion Parameters . . . . . . . . . . . . . . . . . . . . . . . . . .121
8-5
Sample Conversion Timing (VDD = 5.0 Vdc) . . . . . . . . . . . . .122
8-6
Absolute Voltage Reading Errors . . . . . . . . . . . . . . . . . . . . . .130
8-7
Ratiometric Voltage Reading Errors . . . . . . . . . . . . . . . . . . . .132
8-8
Voltage Comparator Setup Conditions . . . . . . . . . . . . . . . . . .133
9-1
SIOP Clock Rate Selection. . . . . . . . . . . . . . . . . . . . . . . . . . .143
10-1
Core Timer Interrupt Rates and COP Timeout Selection . . . .151
10-2
COP Watchdog Recommendations . . . . . . . . . . . . . . . . . . . .153
11-1
Output Compare Initialization Example . . . . . . . . . . . . . . . . .166
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com