Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 100 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
7.5.2 Data Direction Register C (DDRC)
The contents of the port C data direction register (DDRC) determine
whether each port C pin is an input or an output. Writing a logic one to a
DDRC bit enables the output buffer for the associated port C pin. A
DDRC bit set to a logic one also disables the pulldown device for that pin.
Writing a logic zero to a DDRC bit disables the output buffer for the
associated port C pin. A reset initializes all DDRC bits to logic zeros,
configuring all port C pins as inputs.
DDRC7–DDRC0 — Port C Data Direction Bits
These read/write bits control port C data direction. Reset clears the
DDRC7–DDRC0 bits.
1 = Corresponding port C pin configured as output and pulldown
device disabled
0 = Corresponding port C pin configured as input
7.5.3 Port C Pulldown Devices
All port C pins can have software programmable pulldown devices
enabled or disabled globally by the SWPDI bit in the MOR. These
pulldown devices are individually controlled by the write-only pulldown
register A (PDRA) shown in Figure 7-3. PDICH controls the upper four
pins (PC7:4) and PDICL controls the lower four pins (PC3:0). Clearing
the PDICH or PDICL bits in the PDRA turns on the pulldown devices if
the port C pin is an input. Reading the PDRA returns undefined results
since it is a write-only register. Reset clears the PDICH and PDICL bits,
which turns on all the port C pulldown devices.
$0006
Bit 7
654321
Bit 0
Read:
DDRC7
DDRC6
DDRC5
DDRC4
DDRC3
DDRC2
DDRC1
DDRC0
Write:
Reset:
00000000
= Unimplemented
Figure 7-14. Data Direction Register C (DDRC)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com