Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 70 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 230 page
background image
Operating Modes
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Operating Modes
6.3 Oscillator Source
The MCU can be clocked by either an internal low-power oscillator
(LPO) without external components or by an external pin oscillator
(EPO) which uses external components. The enable and selection of the
clock source is determined by the state of the oscillator select bits (OM1
and OM2) in the interrupt status and control register (ISCR) as shown in
Figure 6-1.
IRQE — External Interrupt Request Enable
This read/write bit enables external interrupts. Refer to Section 4.
Interrupts for more details.
OM1 and OM2 — Oscillator Selects
These bits control the selection and enabling of the oscillator source
for the MCU. One choice is the internal LPO and the other oscillator
is the EPO which is common to most MC68HC05 MCU devices. The
EPO uses external components like filter capacitors and a crystal or
ceramic resonator and consumes more power than the LPO. The
selection and enable conditions for these two oscillators are shown in
Table 6-1. Reset clears OM1 and sets OM2, which selects the LPO
and disables the EPO.
.
$000D
Bit 7
654321
Bit 0
Read:
IRQE
OM2
OM1
0
IRQF
0
0
0
Write:
R
IRQR
Reset:
11000000
= Unimplemented
R
= Reserved
Figure 6-1. IRQ Status and Control Register (ISCR)
Table 6-1. Oscillator Selection
OM2
OM1
Oscillator
Selected
Internal
Low-Power
Oscillator (LPO)
External
Pin
Oscillator
(EPO)
Power
Consumption
0
0
Internal
Enabled
Disabled
Lowest
0
1
External
Disabled
Enabled
Normal
1
0
Internal
Enabled
Disabled
Lowest
1
1
Internal
Enabled
Enabled
Normal
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com