Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 52 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 230 page
background image
Interrupts
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Interrupts
NOTE:
The response of the IRQ/VPP pin can be affected if the external interrupt
capability of the PA0 through PA3 pins is enabled. If the port A pins are
enabled as external interrupts, then any high level on a PA0–PA3 pin will
cause the IRQ changes and state to be ignored until all of the PA0–PA3
pins have returned to a low level.
4.6.2 PA0–PA3 Pins
Programming the PIRQ bit in the MOR to a logic one enables the
PA0–PA3 pins (PA0:3) to serve as additional external interrupt sources.
A rising edge on a PA0:3 pin latches an external interrupt request. After
completing the current instruction, the CPU tests the IRQ latch. If the
IRQ latch is set, the CPU then tests the I bit in the condition code register
and the IRQE bit in the ISCR. If the I bit is clear and the IRQE bit is set,
the CPU then begins the interrupt sequence. The CPU clears the IRQ
latch while it fetches the interrupt vector, so that another external
interrupt request can be latched during the interrupt service routine. As
soon as the I bit is cleared during the return from interrupt, the CPU can
recognize the new interrupt request.
The PA0:3 pins can be edge-triggered or edge- and level-triggered.
External interrupt triggering sensitivity is selected by the LEVEL bit in the
MOR.
With the edge- and level-sensitive trigger MOR option, a rising edge or
a high level on a PA0:3 pin latches an external interrupt request. The
edge- and level-sensitive trigger MOR option allows connection to a
PA0:3 pin of multiple wired-OR interrupt sources. As long as any source
is holding the pin high, an external interrupt request is present, and the
CPU continues to execute the interrupt service routine.
With the edge-sensitive only trigger MOR option, a rising edge on a
PA0:3 pin latches an external interrupt request. A subsequent external
interrupt request can be latched only after the voltage level of the
previous interrupt signal returns to a logic zero and then rises again to a
logic one.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com